PART |
Description |
Maker |
PJU1084LF PJU201610L PJU664LF |
Boite de jonction en polyester de type 4X
|
Hammond Manufacturing Ltd. Hammond Manufacturing L...
|
EJ884S16 EJ884SS EJ10106S16 EJ10106SS EJ1084S16 EJ |
Boite de jonction en acier inoxydable de type 4X
|
Hammond Manufacturing L...
|
PCJ1084CCL PCJ1084CCLF PCJ1084L PCJ1084LF PCJ12106 |
Bo?te de jonction en polycarbonate de type 4X Bo?te de jonction en polycarbonate de type 4X
|
Hammond Manufacturing L...
|
HT78P33000PF/-207500V HT78P68000PF/-51500V HT78P15 |
CAPACITOR, FILM/FOIL, POLYESTER, 7500 V, 0.033 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1500 V, 0.068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1500 V, 0.015 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 630 V, 0.15 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 2500 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 630 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 5000 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1000 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1500 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 7500 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 7500 V, 0.01 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1000 V, 0.68 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 3500 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 630 V, 1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 630 V, 0.047 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1500 V, 0.15 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
Rhombus Industries, Inc. HIROSE ELECTRIC Co., Ltd. Vishay Beyschlag TE Connectivity, Ltd. ASC Capacitors
|
QXK2G684JTPTZH |
Metalized Polyester Film Radial Lead Capacitor; Capacitance: .68uF; Voltage: 400V; Packaging: Bulk CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.68 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
131P474X01K0S02 131P474X01K0S04 131P474X01K0T02 13 |
CAPACITOR, FILM/FOIL, POLYESTER, 600 V, 0.47 uF, THROUGH HOLE MOUNT AXIAL LEADED Film Snubber Capacitors Metal-Case, Paper/Polyester, Dielectric Extended Foil Electrodes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix
|
BFC236821105 BFC236829564 6811334 BFC236859562 |
CAP,MET POLYESTER (MYLAR),1UF,100VDC,10% -TOL,10% TOL CAP,MET POLYESTER (MYLAR),560NF,100VDC,5% -TOL,5% TOL CAP,MET POLYESTER (MYLAR),330NF,63VDC,10% -TOL,10% TOL CAP,MET POLYESTER (MYLAR),5.6NF,400VDC,5% -TOL,5% TOL
|
Vishay BCcomponents
|
QYS1H222KTP QYP1H223JTP QYS1H334KTP QYP1H333KTP |
Polyester Film Radial Lead Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 5.5x5 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.0022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 22000uF; Voltage: 50V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: .33uF; Voltage: 50V; Case Size: 11x13 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.33 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 33uF; Voltage: 50V; Case Size: 7.5x6 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.033 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
HT97P0.47UF/-205000V HT97P6.8NF/-203500V HT97P0.33 |
CAPACITOR, FILM/FOIL, POLYESTER, 5000 V, 0.47 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 3500 V, 0.0068 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 5000 V, 0.33 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1500 V, 0.33 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1500 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 5000 V, 0.1 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 3500 V, 0.033 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 5000 V, 0.033 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 2500 V, 0.033 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 12500 V, 0.033 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 1500 V, 0.033 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 15000 V, 0.033 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 7500 V, 0.0033 uF, THROUGH HOLE MOUNT AXIAL LEADED CAPACITOR, FILM/FOIL, POLYESTER, 7500 V, 0.033 uF, THROUGH HOLE MOUNT AXIAL LEADED
|
ITT, Corp. EXXELIA Group Ecliptek, Corp. Rhombus Industries, Inc.
|
MKS020.01/63/20AMMO16.5 MKS020.015/63/20ROLL16.5 M |
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.047 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Electronic Theatre Controls, Inc. Vishay Intertechnology, Inc. IRC Advanced Film LEDtronics, Inc.
|
PM94-20.22UF20400V PM94-20.47UF20400V PM94-34.7UF2 |
CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.22 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.47 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 4.7 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 4.7 uF, THROUGH HOLE MOUNT DIP-12 CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.47 uF, THROUGH HOLE MOUNT DIP-12 CAPACITOR, METALLIZED FILM, POLYESTER, 250 V, 0.22 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 1.5 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 250 V, 0.22 uF, THROUGH HOLE MOUNT DIP-12 CAPACITOR, METALLIZED FILM, POLYESTER, 50 V, 15 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 1.5 uF, THROUGH HOLE MOUNT DIP-12
|
Stackpole Electronics, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Synergy Microwave, Corp.
|
PHE820 PHE820MR7220MR06L2 PHE820E PHE820EB5100MR17 |
EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100?/a> EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100??/a> EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC, 100∩ EMI suppressor, class X2, metallized polyester 0.01 - 2.2 uF, 275/300 VAC
| -
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
|